PART |
Description |
Maker |
GM71C4403DLJ-80 GM71C4403D-80 GM71C4403DT-70 GM71C |
MB 32C 32#20 PIN PLUG Single Output LDO, 1.0A, Fixed (5.0V), Low Noise, Fast Transient Response 6-SOT-223 -40 to 85 1,048,576 Words x Bit Organization 1,048,576字×位组织 Single Output LDO, 1.0A, Adj.(1.295 to 5.5V), Low Noise, Fast Transient Response 5-DDPAK/TO-263 -40 to 85
|
LG Corp. LG, Corp.
|
MC3486P MC3486D |
QUAD EIA-422/3 LINE RECEIVER WITH THREE-STATE OUPUTS Single Output LDO, 100mA, Fixed(5.0V), Low Noise, Fast Transient Response 8-SOIC Single Output LDO, 100mA, Adj.(2.5 to 5.5V), Low Noise, Fast Transient Response 5-SOT-23
|
Motorola, Inc.
|
1963AEFE33 963A15 963A25 963AMP 963A33 963A18 LT19 |
1.5A, Low Noise, Fast Transient Response 1.5A, Low Noise, Fast Transient Response LDO Regulators 1.5A, Low Noise, Fast Transient Response LDO Regulators
|
Linear Technology Linear Integrated Systems Linear Integrated Syste...
|
PS22922 |
Fast Transient Response Linear Regulator
|
List of Unclassifed Man...
|
RT9166 RT9166A |
Ultra-Fast Transient Response LDO Regulator
|
Richiek
|
BD9B331GWZ |
Fast transient response with On time control system
|
Rohm
|
LT1963AEST-2.5 LT1963AEQ LT1963AEQ-1.5 LT1963AEQ-1 |
1.5A, Low Noise, Fast Transient Response LDO Regulators 1.5A/ Low Noise/ Fast Transient Response LDO Regulators
|
LINER[Linear Technology]
|
TPS75801KT |
FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
|
TI
|
LT1764EFE LT1764EFE-1.5 LT1764EFE-1.8 LT1764EFE-2. |
3A, Fast Transient Response, Low Noise,LDO Regulators
|
Linear Technology
|
LT1963AEFE LT1963AEFE-1.5 LT1963AEFE-1.5PBF LT1963 |
1.5A, Low Noise,Fast Transient Response LDO Regulators
|
Linear Technology
|
LT1764AMPQ LT1764AEFE-2.5TR LT1764AEFE-2.5TRPBF LT |
3A, Fast Transient Response, Low Noise,LDO Regulators 3A, Fast Transient Response, Low Noise, LDO Regulators; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 2.5 V FIXED POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PDSO16 3A, Fast Transient Response, Low Noise, LDO Regulators; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 125°C 1.8 V FIXED POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PZFM5 1.5 V FIXED POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PZFM5 2.5 V FIXED POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PZFM5 3A, Fast Transient Response, Low Noise, LDO Regulators
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP Linear Dimensions Semiconductor
|
LT1764AEQ-1.5 LT1764AEQ-1.8 LT1764AEQ-2.5 LT1764AE |
3A, fast transient response, low noise, LDO regulator, 1.5V output 3A, fast transient response, low noise, LDO regulator, 1.8V output 3A, fast transient response, low noise, LDO regulator, 2.5V output 3A, fast transient response, low noise, LDO regulator, 3.3V output
|
Linear Technology
|
|